Part Number Hot Search : 
FT4232 9951P 1R051 BC327 ON0439 00160 XK3100 TA0880A
Product Description
Full Text Search
 

To Download K12A50D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tK12A50D 2008-09-10 1 toshiba field effect transistor silicon n channel mos type ( -mos ) tK12A50D switching regulator applications ? low drain-source on-resistance: r ds (on) = 0.45 (typ.) ? high forward transfer admittance: |y fs | = 6.0 s (typ.) ? low leakage current: i dss = 10 a (v ds = 500 v) ? enhancement mode: v th = 2.0 to 4.0 v (v ds = 10 v, i d = 1 ma) absolute maximum ratings (ta = 25c) characteristics symbol rating unit drain-source voltage v dss 500 v gate-source voltage v gss 30 v dc (note 1) i d 12 drain current pulse (t = 1 ms) (note 1) i dp 48 a drain power dissipation (tc = 25c) p d 45 w single pulse avalanche energy (note 2) e as 364 mj avalanche current i ar 12 a repetitive avalanche energy (note 3) e ar 4.5 mj channel temperature t ch 150 c storage temperature range t stg -55 to 150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concep t and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). thermal characteristics characteristics symbol max unit thermal resistance, channel to case r th (ch-c) 2.78 c/w thermal resistance, channel to ambient r th (ch-a) 62.5 c/w note 1: ensure that the channel temperature does not exceed 150 . note 2: v dd = 90 v, t ch = 25c(initial), l = 4.3 mh, r g = 25 , i ar = 12 a note 3: repetitive rating: pulse width limited by maximum channel temperature this transistor is an electrostatic-sensitive device. handle with care. unit: mm 1: gate 2: drain 3: source jedec D jeita sc-67 toshiba 2-10u1b weight: 1.7 g (typ.) 1 3 2 http://www..net/ datasheet pdf - http://www..net/
tK12A50D 2008-09-10 2 electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs = 30 v, v ds = 0 v ? ? 1 a drain cut-off current i dss v ds = 500 v, v gs = 0 v ? ? 10 a drain-source breakdown voltage v (br) dss i d = 10 ma, v gs = 0 v 500 ? ? v gate threshold voltage v th v ds = 10 v, i d = 1 ma 2.0 ? 4.0 v drain-source on resistance r ds (on) v gs = 10 v, i d = 6 a ? 0.45 0.52 forward transfer admittance ? y fs ? v ds = 10 v, i d = 6 a 1.5 6.0 ? s input capacitance c iss ? 1350 ? reverse transfer capacitance c rss ? 6 ? output capacitance c oss v ds = 25 v, v gs = 0 v, f = 1 mhz ? 135 ? pf rise time t r ? 22 ? turn-on time t on ? 55 ? fall time t f ? 15 ? switching time turn-off time t off ? 100 ? ns total gate charge q g ? 25 ? gate-source charge q gs ? 16 ? gate-drain charge q gd v dd 400 v, v gs = 10 v, i d = 12 a ? 9 ? nc source-drain ratings and characteristics (ta = 25c) characteristics symbol test condition min typ. max unit continuous drain reverse current (note 1) i dr ? ? ? 12 a pulse drain reverse current (note 1) i drp ? ? ? 48 a forward voltage (diode) v dsf i dr = 12 a, v gs = 0 v ? ? ?1.7 v reverse recovery time t rr ? 1300 ? ns reverse recovery charge q rr i dr = 12 a, v gs = 0 v, di dr /dt = 100 a/ s ? 12 ? c marking r l = 33 0 v 10 v v gs v dd 200 v i d = 6 a v out 50 duty 1%, t w = 10 s lot no. K12A50D part no. (or abbreviation code) a line indicates lead(pb)-fee finish. http://www..net/ datasheet pdf - http://www..net/
tK12A50D 2008-09-10 3 0.1 0.1 1 10 100 1 10 v gs = 10 v ? 15 v 0.1 10 100 0.1 1 100 25 100 tc = ? 55c 1 10 drain-source on-resistance r ds (on) ( ) common source tc = 25c pulse test drain current i d (a) 10 6 4 0 0 2 4 6 8 10 v gs = 4.5v 5 6 5.5 6.25 6.5 8, 7 10 8 2 20 50 v gs = 5 v 5.5 6 6.5 7.5 10, 8 6.75 7 40 30 10 0 0 2 4 6 8 8 tc = ? 55c 25 100 12 16 20 4 10 0 i d = 12 a 4 8 12 16 3 6 20 10 8 6 4 2 drain-source voltage v ds (v) i d ? v ds r ds (on) ? i d drain current i d (a) ? y fs ? ? i d forward transfer admittance ? y fs ? (s) drain-source voltage v ds (v) i d ? v ds drain current i d (a) gate-source voltage v gs (v) i d ? v gs drain current i d (a) drain-source voltage v ds (v) gate-source voltage v gs (v) v ds ? v gs common sourc e tc = 25c pulse test common source tc = 25c pulse test common source v ds = 20 v pulse test common source tc = 25 pulse test common source v ds = 20 v pulse test drain current i d (a) 20 16 12 8 4 0 24 0 http://www..net/ datasheet pdf - http://www..net/
tK12A50D 2008-09-10 4 1 0.1 10 100 1000 10000 1 10 100 c iss c oss c rss 0 0.1 ? 0.2 1 10 100 ? 0.6 ? 0.8 ? 1.2 v gs = 0, ? 1 v 10 5 1 3 ? 0.4 ? 1.0 ? 1.4 drain power dissipation p d (w) case temperature tc (c) p d ? tc drain-source voltage v ds (v) i dr ? v ds drain reverse current i dr (a) case temperature tc (c) v th ? tc drain-source voltage v ds (v) capacitance ? v ds capacitance c (pf) gate-source voltage v gs (v) total gate charge q g (nc) dynamic input / output characteristics drain-source voltage v ds (v) 0 10 40 500 200 100 300 400 0 30 20 common source i d = 12 a tc = 25c pulse test 20 8 4 12 16 0 v dd = 100 v 200 v gs 400 v ds drain-source on-resistance r ds (on) ( ) 160 ? 40 0 40 80 120 ? 80 2.5 2.0 1.5 1.0 0.5 0 i d = 12 a 3 6 v gs = 10 v case temperature tc (c) r ds (on) ? tc common source pulse test common source tc = 25c pulse test gate threshold voltage vth (v) 0 1 2 3 5 ? 80 ? 40 0 40 80 120 160 4 common source v ds = 10 v i d = 1 ma pulse test 80 40 0 0 40 80 120 160 20 60 200 common source v gs = 0 v f = 1 mhz tc = 25 c http://www..net/ datasheet pdf - http://www..net/
tK12A50D 2008-09-10 5 0.001 1 1 10 100 10 1000 100 100 s * 1 ms * v dss max 0.01 0.1 dc operation tc = 25c 0.01 10 0.1 1 10 100 1m 10m 100m 1 10 duty=0.5 0.2 0.1 0.05 0.02 0.01 0.001 500 400 300 200 100 0 25 50 75 100 125 150 t p dm t duty = t/t r th (ch-c) = 2.78c/w channel temperature (initial) t ch (c) e as ? t ch avalanche energy e as (mj) r th ? t w pulse width t w (s) normalized transient thermal impedance r th (t) /r th (ch-c) single pulse ?15 v 15 v test circuit waveform i ar b vdss v dd v ds r g = 25 v dd = 90 v, l = 4.3 mh ? ? ? ? ? ? ? ? ? ???= v dd b vdss b vdss 2 il 2 1 as drain-source voltage v ds (v) safe operating ar i d max (pulsed) * i d max (continuous) * * single nonrepetitive pulse tc=25c curves must be derated linearly with increase in temperature. drain current i d (a) http://www..net/ datasheet pdf - http://www..net/
tK12A50D 2008-09-10 6 restrictions on product use 20070701-en general ? the information contained herein is subject to change without notice. ? toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity an d vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba produc ts, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshib a products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconduct or devices,? or ?toshiba semiconductor reliability handbook? etc. ? the toshiba products listed in this document are in tended for usage in general electronics applications (computer, personal equipment, office equipment, measuri ng equipment, industrial robotics, domestic appliances, etc.).these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfuncti on or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage incl ude atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, et c.. unintended usage of toshiba products listed in his document shall be made at the customer?s own risk. ? the products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. ? please contact your sales representative for product- by-product details in this document regarding rohs compatibility. please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations. http://www..net/ datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of K12A50D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X